Part Number Hot Search : 
PMBFJ111 1A101 SSD1858Z 110CA AZV321 LN518RA 3402B EGA16
Product Description
Full Text Search
 

To Download TDA2030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TDA2030
14W Hi-Fi AUDIO AMPLIFIER
DESCRIPTION The TDA2030 is a monolithic integrated circuit in Pentawatt(R) package, intended for use as a low www..com frequency class AB amplifier. Typically it provides 14W output power (d = 0.5%) at 14V/4; at 14V or 28V, the guaranteed output power is 12W on a 4 load and 8W on a 8 (DIN45500). The TDA2030 provides high output current and has very low harmonic and cross-over distortion. Further the device incorporates an original (and patented) short circuit protection system comprising an arrangement for automatically limiting the dissipated power so as to keep the working point of the output transistors within their safe operating area. A conventional thermal shut-down system is also included. ABSOLUTE MAXIMUM RATINGS
Symbol Vs Vi Vi Io Ptot Tstg, Tj Supply voltage Input voltage Differential input voltage Output peak current (internally limited) Power dissipation at Tcase = 90C Stoprage and junction temperature Parameter
Pentawatt
ORDERING NUMBERS : TDA2030H TDA2030V
Value 18 (36) Vs 15 3.5 20 -40 to 150
Unit V V A W C
TYPICAL APPLICATION
June 1998
1/12
TDA2030
PIN CONNECTION (top view)
+VS OUTPUT -VS INVERTING INPUT NON INVERTING INPUT
www..com
TEST CIRCUIT
2/12
TDA2030
THERMAL DATA
Symbol Rth j-case Parameter Thermal resistance junction-case max Value 3 Unit C/W
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, Vs = 14V , Tamb = 25C unless otherwise specified) for single Supply refer to fig. 15 Vs = 28V
Symbol www..com Vs Id Ib Vos Ios Po Parameter Supply voltage Quiescent drain current Input bias current Input offset voltage Input offset current Output power d = 0.5% Gv = 30 dB f = 40 to 15,000 Hz RL = 4 RL = 8 d = 10% f = 1 KHz RL = 4 RL = 8 d Distortion Gv = 30 dB 18 11 W W Vs = 18V (Vs = 36V) Test conditions Min. 6 12 40 0.2 2 20 Typ. Max. 18 36 60 2 20 200 Unit V mA A mV nA
12 8
14 9
W W
Po = 0.1 to 12W Gv = 30 dB RL = 4 f = 40 to 15,000 Hz Po = 0.1 to 8W Gv = 30 dB RL = 8 f = 40 to 15,000 Hz
0.2
0.5
%
0.1 10 to 140,000 0.5 5 90
0.5
% Hz M dB
B Ri Gv Gv eN iN SVR
Power Bandwidth (-3 dB) Input resistance (pin 1) Voltage gain (open loop) Voltage gain (closed loop) Input noise voltage Input noise current Supply voltage rejection
Gv = 30 dB Po = 12W
RL = 4
f = 1 kHz B = 22 Hz to 22 KHz
29.5
30 3 80
30.5 10 200
dB V pA dB
RL = 4 Gv = 30 dB Rg = 22 k Vripple = 0.5 Veff fripple = 100 Hz Po = 14W Po = W RL = 4 RL = 8
40
50
Id
Drain current
900 500
mA mA
3/12
TDA2030
Figure 1. Output power vs. supply voltage Figure 2. Output power vs. supply voltage Fig ure 3. Distortion vs. output power
www..com
F ig ure 4. Di stortion vs. output power
Fi gure 5. Distor tion vs. output power
Fig ure 6. Distortion vs. frequency
Fi gure 7. Distor tion vs. frequency
Figure 8. Frequency response with different values of the rolloff capacitor C8 (see fig. 13)
Figure 9. Quiescent current vs. supply voltage
4/12
TDA2030
Figure 10. Supply voltage rejection vs. voltage gain Figure 11. Power dissipation and efficiency vs. output power Figure 12. Maximum power dissipation vs. supply voltage (sine wave operation)
www..com
APPLICATION INFORMATION Figure 13. Typical amplifier with split power supply Figure 14. P.C. board and component layout for the circuit of fig. 13 (1 : 1 scale)
5/12
TDA2030
APPLICATION INFORMATION (continued)
Figure 15. Typical amplifier with single power supply
Figure 16. P.C. board and component layout for the circuit of fig. 15 (1 : 1 scale)
www..com
Figure 17. Bridge amplifier configuration with split power supply (Po = 28W, Vs = 14V)
6/12
TDA2030
PRACTICAL CONSIDERATIONS Printed circuit board The layout shown in Fig. 16 should be adopted by the designers. If different layouts are used, the ground points of input 1 and input 2 must be well decoupled from the ground return of the output in which a high current flows. Assembly suggestion No electrical isolation is needed between the package and the heatsink with single supply voltage configuration. Application suggestions The recommended values of the components are those shown on application circuit of fig. 13. Different values can be used. The following table can help the designer.
www..com
Component R1 R2 R3 R4
Recomm. value 22 k 680 22 k 1
Purpose Closed loop gain setting Closed loop gain setting Non inverting input biasing Frequency stability
Larger than recommended value Increase of gain Decrease of gain (*) Increase of input impedance Danger of osccilat. at high frequencies with induct. loads Poor high frequencies attenuation
Smaller than recommended value Decrease of gain (*) Increase of gain Decrease of input impedance
R5 C1 C2 C3, C4 C5, C6 C7 C8 D1, D2
3 R2 1 F 22 F 0.1 F 100 F 0.22 F 1 2 B R1 1N4001
Upper frequency cutoff Input DC decoupling Inverting DC decoupling Supply voltage bypass Supply voltage bypass Frequency stability Upper frequency cutoff
Danger of oscillation Increase of low frequencies cutoff Increase of low frequencies cutoff Danger of oscillation Danger of oscillation Danger of oscillation
Smaller bandwidth
Larger bandwidth
To protect the device against output voltage spikes
(*) Closed loop gain must be higher than 24dB
7/12
TDA2030
SINGLE SUPPLY APPLICATION
Component R1 R2 R3
www..com
Recomm. value 150 k 4.7 k 100 k 1
Purpose Closed loop gain setting Closed loop gain setting Non inverting input biasing Frequency stability
Larger than recommended value Increase of gain Decrease of gain (*) Increase of input impedance Danger of osccilat. at high frequencies with induct. loads
Smaller than recommended value Decrease of gain (*) Increase of gain Decrease of input impedance
R4
RA/RB C1 C2 C3 C5 C7 C8 D1, D2
100 k 1 F 22 F 0.1 F 100 F 0.22 F 1 2 B R1 1N4001
Non inverting input Biasing Input DC decoupling Inverting DC decoupling Supply voltage bypass Supply voltage bypass Frequency stability Upper frequency cutoff Smaller bandwidth
Power Consumption Increase of low frequencies cutoff Increase of low frequencies cutoff Danger of oscillation Danger of oscillation Danger of oscillation Larger bandwidth
To protect the device against output voltage spikes
(*) Closed loop gain must be higher than 24dB
8/12
TDA2030
SHORT CIRCUIT PROTECTION The TDA2030 has an original circuit which limits the current of the output transistors. Fig. 18 shows that the maximum output current is a function of the collector emitter voltage; hence the output transistors work within their safe operating area (Fig. 2). This function can therefore be considered as being peak power limiting rather than simple current limiting. It reduces the possibility that the device gets damaged during an accidental short circuit from AC output to ground.
www..com
Fi g ure 1 8. Maximum ou tpu t c urr en t vs. voltage [VCEsat] across each output transistor
Figure 19. Safe operating area and collector characteristics of the protected power transistor
THERMAL SHUT-DOWN The presence of a thermal limiting circuit offers the following advantages: 1. An overload on the output (even if it is permanent), or an above limit ambient temperature can be easily supported since the Tj cannot be higher than 150C. 2. The heatsink can have a smaller factor of safety compared with that of a conventional circuit. There is no possibility of device damage due to high junction temperature. If for any reason, the junction temperature increases up to 150C, the thermal shut-down simply reduces the power dissipation at the current consumption. The maximum allowable power dissipation depends upon the size of the external heatsink (i.e. its thermal resistance); fig. 22 shows this dissipable power as a function of ambient temperature for different thermal resistance.
9/12
TDA2030
Figure 20. Output power and dr ai n cu rre nt vs. case temperature (RL = 4) Figure 21. Output power and d rai n c urr en t vs. ca se temperature (RL = 8) Fi g ure 22. Maximum allowable power dissipation vs. ambient temperature
www..com
Figure 23. Example of heat-sink
Dimension : suggestion. The following table shows the length that the heatsink in fig. 23 must have for several values of Ptot and Rth.
Ptot (W) Length of heatsink (mm) Rth of heatsink ( C/W) 12 60 8 40 6 30
4.2
6.2
8.3
10/12
TDA2030
PENTAWATT PACKAGE MECHANICAL DATA
DIM. MIN. A C D D1 E E1 F www..com F1 G G1 H2 H3 L L1 L2 L3 L4 L5 L6 L7 L9 M M1 V4 Dia mm TYP. MAX. 4.8 1.37 2.8 1.35 0.55 1.19 1.05 1.4 3.6 7 10.4 10.4 18.15 15.95 21.6 22.7 1.29 3 15.8 6.6 4.75 4.25 40 (typ.) 3.65 3.85 0.144 0.152 MIN. inch TYP. MAX. 0.189 0.054 0.110 0.053 0.022 0.047 0.041 0.055 0.142 0.276 0.409 0.409 0.715 0.628 0.850 0.894 0.051 0.118 0.622 0.260 0.187 0.167
2.4 1.2 0.35 0.76 0.8 1 3.2 6.6 10.05 17.55 15.55 21.2 22.3 2.6 15.1 6 4.23 3.75
3.4 6.8
0.094 0.047 0.014 0.030 0.031 0.039 0.126 0.260 0.396 0.691 0.612 0.831 0.878 0.102 0.594 0.236 0.167 0.148
0.134 0.268
17.85 15.75 21.4 22.5
0.703 0.620 0.843 0.886
0.2 4.5 4
0.008 0.177 0.157
L L1 L8 V V1 V R R A B C D1 L5 L2 L3 D R V4 H2
F E V4 E1
V3 E M1 V V
M
H3 H1 Dia. L7 L6 RESIN BETWEEN LEADS F1 H2 F
G G1
V4 L9
11/12
TDA2030
www..com
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
12/12


▲Up To Search▲   

 
Price & Availability of TDA2030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X